Part Number Hot Search : 
LPS31 M7S25 74503 MD100 473ML MAE15021 M7S25 K3151
Product Description
Full Text Search
 

To Download UUD1A101MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UD
Chip Type, Low Impedance
series
Chip type, low impedance temperature range up to +105C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
WD
High Te m p reflow
CD
Low Impedance
UD
Low Impedance
WG
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 50V 1 ~ 1500F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) 6.3 10 16 25 35 50 tan (MAX.) 0.26 (0.28) 0.20 (0.24) 0.16 (0.20) 0.14 (0.16) 0.12 (0.14) 0.12 (0.14) Measurement frequency : 120Hz Rated voltage (V) Z- 25C / Z+20C Z- 55C / Z+20C
(
) is 8 over
Stability at Low Temperature
Impedance ratio ZT / Z20 (MAX.)
6.3 3 5
10 2 4
16 2 4
25 2 3
35 2 3
50 2 3
Endurance
After 5000 hours' (2000 hours for D 6.3) application of rated voltage at 105C , capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
(4 ~ 6.3)
Series Plastic platform 0.3 MAX. 0.5 MAX. C0.2 Positive
Type numbering system (Example : 16V 22F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UUD 1C 2 2 0 M CL 1GS
A0.2
Voltage (C:16V)
Package code Configuration Capacitance tolerance (-20%) Rated Capacitance (22F) Rated voltage (16V) Series name
D 4 ~ 6.3 8 10
D0.5
N2 22C UD
B0.2
E A0.2
Lot No.
Capacitance
L0.3 H
Negative
Code CL NL
(8x10, 10x10 )
Voltage (V:35V)
Type
Positive Plastic platform 0.3 MAX. 0.5 MAX. C0.2
(mm)
DxL
Trade mark
Series
4 x 5.8 1.8 4.3 4.3 1.0 5.8 0.5 ~ 0.8
5 x 5.8 2.1 5.3 5.3 1.3 5.8 0.5 ~ 0.8
6.3 x 5.8 2.4 6.6 6.6 2.2 5.8 0.5 ~ 0.8
6.3 x 7.7 2.4 6.6 6.6 2.2 7.7 0.5 ~ 0.8
8 x 10 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1
10 x 10 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1
Lot No.
Capacitance
L0.5 Pressure relief vent H
Negative
A B C E L H
Voltage V 6.3 Code j
10 A
16 C
25 E
35 V
50 H
Dimension table in next page.
A0.2 A0.2
N2 100V UD
D0.5
B0.2
E
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
UD
Cap. (F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
4 x 5.8 4 x 5.8 4 x 5.8 4 x 5.8 1.80 0.76 0.76 0.76 0.44 0.44 0.44 0.34 0.34 0.17 0.17 0.17 0.09 80 150 150 150 230 230 230 280 280 450 450 450 670 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10 10 x 10
50 1H
5.00 5.00 5.00 1.52 0.88 0.88 0.88 0.68 0.68 0.68 0.34 0.34 0.34 0.18 0.18 30 30 30 85 165 165 165 185 185 185 300 300 300 670 670
1 2.2 3.3 4.7 10 15 22 27 33 47 56 68 100 150 220 330 470 680 1000 1500
010 2R2 3R3 4R7 100 150 220 270 330 470 560 680 101 151 221 331 471 681 102 152 4 x 5.8 5 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10 1.80 0.76 0.76 0.76 0.44 0.44 0.44 0.44 0.34 0.17 0.17 0.17 0.09 80 150 150 150 230 230 230 230 280 450 450 450 670 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 8 x 10 10 x 10 10 x 10 1.80 0.76 0.76 0.44 0.44 0.44 0.44 0.44 0.34 0.17 0.17 0.09 0.09 80 150 150 230 230 230 230 230 280 450 450 670 670 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 10 8 x 10 10 x 10 1.80 0.76 0.76 0.44 0.44 0.44 0.44 0.44 0.34 0.34 0.17 0.17 0.09 80 150 150 230 230 230 230 230 280 280 450 450 670 4 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10 1.80 0.76 0.76 0.44 0.44 0.44 0.44 0.44 0.34 0.17 0.17 0.17 0.09 80 150 150 230 230 230 230 230 280 450 450 450 670 5 x 5.8 5 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 5.8 6.3 x 7.7 6.3 x 7.7 8 x 10 8 x 10 8 x 10 10 x 10
Case size D x L (mm)
Impedance
Rated ripple
Max. Impedance () at 20C 100kHz, Rated Ripple (mArms) at 105C 100kHz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.35 120 Hz 0.50 300 Hz 0.64 1 kHz 0.83 10 kHz~ 1.00
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUD1A101MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X